Part Number Hot Search : 
HB2440CK HB2440CK BRF10100 TMB1000A MIC25 2SK3142 PN8112 82556300
Product Description
Full Text Search
 

To Download TCU10002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 dsp par %pw dev man op1 al1 al2 3.60 (91.4) 1.75 (44.4) (96.5) 3.80 (49.5) 1.95 (137.4) 5.41 (134.4) 5.29 (10.2) .40 +.6 -.0 +.02 -.00 (45.0 ) 1.77 +.03 -.0 +.8 -.00 3.62 (92.0 ) ? 100 msec sampling period with 0.15% accuracy ? on demand auto-tuning of pid control settings ? dual led displays for simultaneous indication of temperature and setpoint, second analog input or heater current ? accepts 10 different types of sensor inputs (thermocouple or rtd) ? self-diagnostics ? full pid control with reduced overshoot ? optional rs485 serial communications interface ? optional dual alarm outputs (uses output modules) ? optional cooling output (uses output module) ? optional linear 4 to 20 ma or 0 to 10 vdc output for control or temperature re-transmission ? optional heater current monitor and break alarm ? optional motorized valve position control and valve fail alarm ? optional second analog input for remote setpoint and cascade control ? optional type 4x/ip65 sealed front bezel ? status indicators for outputs and control modes ? programmable user input (digital) for added flexibility ? sensor error compensation (slope and offset) and break detection ? manual/automatic and local/remote setpoint control modes ? setpoint ramping for process startup ? parameter security via programmable lockouts ? field replaceable and interchangeable output modules (relay, logic/ssr drive and triac) description the tcu controller accepts signals from a variety of temperature sensors (thermocouple or rtd elements) , precisely displays the process temperature, and provides an accurate output control signal (time proportional or linear) to maintain a process at the desired control point. a comprehensive set of easy to use steps allows the controller to solve various application requirements. the controller can operate in the pid control mode for both heating and cooling, with on-demand auto-tune, which will establish the tuning constants. the pid tuning constants may be fine-tuned by the operator at any time and then locked out from further modification. the controller employs a unique overshoot suppression feature, which allows the quickest response without excessive overshoot. the unit can be transferred to operate in the manual mode, providing the operator with direct control of the output. the controller may also be programmed to operate in the on/off control mode with adjustable hysteresis. dual 4-digit displays allow viewing of the process temperature and setpoint simultaneously. front panel indicators inform the operator of the controller and output status. replaceable and interchangeable output modules (relay, ssr drive, or triac) can be installed for the main control output, alarm output(s) and cooling output. optional dual alarms can be configured to activate according to a variety of actions (absolute hi or lo, deviation hi or lo, band in or out, heater break and valve fail detect) with adjustable hysteresis. a standby feature suppresses the output during power-up until the temperature stabilizes outside the alarm region. an optional secondary output is available (for processes that require cooling) which provides increased control accuracy and response. model tcu - temperature control unit dimensions in inches (mm) note: recommended minimum clearance (behind the panel) for mounting clip installation is 5.5" (140) h x 2.1" (53.4) w. bulletin no. tcu-h drawing no. lp0314 released 08/13 tel +1 (717) 767-6511 fax +1 (717) 764-0839 www.redlion.net 1 c us listed u l r 51eb ind. cont . eq. panel cut-out
description (contd) options a linear 4 to 20 ma or 0 to 10 vdc output signal is available to interface with actuators, chart recorders, indicators, or other controllers. the output signal can be digitally scaled and selected to transmit one of the following: % output power, process temperature value, process temperature value deviation or setpoint value. for linear dc control applications, the adjustable output demand dampening, output deadband and output update time parameters expand the versatility of the tcu with final control devices. the optional heater current monitor serves as a digital ammeter for heater current monitoring. current transformer accessory (ct005001), is required. an alarm event output can be programmed to signal when the heater or heater control devices have failed, before damage to process material occurs. the heater break alarm triggers under two conditions: 1) the main output (op1) is on and the heater current is below the heater current alarm value, indicating an aged or failed heater. 2) output (op1) is off and the heater current is more than 10% of the alarm value, indicating a shorted heater control device or other problem. the optional motorized valve positioner directly controls the position of a valve by the use of twin outputs (open and close) to control the direction of motor rotation. the motor position defines the opening position of the valve. two control modes are possible: position control, which makes use of the slidewire feedback signal supplied with the positioner and velocity control, in which no slidewire feedback signal is used. parameters are provided to adjust the operation of the valve. these include: valve activity hysteresis valve update time variable control dampening slidewire signal fail action adjustable valve position limits. the valve positioner tcu achieves tight process control, yet minimizes unnecessary valve activity. an alarm event output or display alarm can be programmed under loss of slidewire feedback or under valve fail detection. the optional second analog input (0-20 ma dc) can be configured as a remote setpoint signal or as a secondary process signal. configuration of the second analog input as a remote setpoint signal allows ratio control, master setpoint/multiple slave operation, and the ability to cascade the tcu with another controller (external cascade). configuration of the second input as a secondary process signal allows operation as a two-process cascade controller within a single unit (internal cascade). in either control mode, parameters are provided to scale, configure, communicate and monitor the activity of both analog inputs. a square law linearizer function can be used to linearize signals derived from flow transmitters. the optional rs485 multidrop serial communication interface provides two- way communication between a tcu unit and other compatible equipment such as a printer, a programmable controller, or a host computer. in multipoint applications the address number of each unit on the line can be programmed from 0-99. up to thirty-two units can be installed on a single pair of wires. the setpoint value, % output power, setpoint ramp rate, etc. can be interrogated or changed by sending the proper command code via serial communications. alarm output (s) may also be reset via the serial communications interface option. an optional type 4x/ip65 rated bezel is available for wash down and/or dirty environments, when properly installed. modern surface-mount technology, extensive testing, plus high immunity to noise interference makes the controller extremely reliable in industrial environments. safety summary all safety related regulations, local codes and instructions that appear in the manual or on equipment must be observed to ensure personal safety and to prevent damage to either the instrument or equipment connected to it. if equipment is used in a manner not specified by the manufacturer, the protection provided by the equipment may be impaired. do not use the tcu to directly command motors, valves, or other actuators not equipped with safeguards. to do so, can be potentially harmful to persons or equipment in the event of a fault to the unit. an independent and redundant temperature limit indicator with alarm outputs is strongly recommended. the indicators should have input sensors and ac power feeds independent from other equipment. specifications 1. display : dual 4-digit upper temperature display : 0.4" (10.2 mm) high red led lower auxiliary displa y: 0.3" (7.6 mm) high green led display messages (model dependent) : olol - appears when measurement exceeds + sensor range. ulul - appears when measurement exceeds - sensor range. open - appears when open sensor is detected. shrt - appears when shorted sensor is detected (rtd only) .... - appears when display values exceed + display range. -... - appears when display values exceed - display range. slid - appears when loss of slidewire signal is detected. valv - appears when valve actuator error is detected. 2. power : switch selectable for 115/230 vac (+10%, -15%) no observable line variation effect, 48 to 62 hz, 10 va 3. annunciators : led backlight status indicators (model dependent) : %pw - lower auxiliary display shows power output in (%). dev - lower auxiliary display shows deviation (error) from temperature setpoint. op1 - main control output is active. al1 - alarm #1 is active. al2 - alarm #2 is active (for dual alarm option) . op2 - cooling output is active (for cooling option) . opn - valve positioner open output is active (for valve positioner option) . cls - valve positioner close output is active (for valve positioner option) . cur - lower auxiliary display shows heater current (for heater current monitor option) . sec - lower auxiliary display shows second analog input (for second analog input option) . man - flashing: controller is in manual mode. rem - on: controller is in remote setpoint mode (second analog input option) . - off: controller is in local setpoint mode (second analog input option) . - flashing: controller is in manual control mode (second analog input optional) . 4. controls : four front panel push buttons for modifying and setup of controller functions and one external input for parameter lockout or other functions. 5. main sensor input : sample period : 100 msec response time : 300 msec (to within 99% of final value w/step input; typically, response is limited to response time of probe) failed sensor response : main control output(s) : programmable preset output display : open alarms : upscale drive dc linear : programmable preset output normal mode rejection : 40 db @ 50/60 hz (improves with increased digital filtering. common mode rejection : 100 db, dc to 60 hz protection : input overload 120 vac for 30 seconds. 6. thermocouple : types : t, e, j, k, r, s, b, n, linear mv input impedance : 20 m ? all types lead resistance effect : 20 v/350 ? cold junction compensation : less than 1c error over 0 - 50c ambient temperature range. disabled for linear mv type. resolution : 1c/f all types, or 0.1c/f for t, e, j, k, and n only. 7. rtd : 2, 3 or 4 wire, 100 ? platinum, alpha = 0.00385 (din 43760), alpha = 0.003916 excitation : 0.175 ma resolution : 1 or 0.1 degree lead resistance : 7 ? maximum 8. range and accuracy : errors include nist conformity and a/d conversion errors at 23c after 20 min. warm-up. thermocouple errors include cold junction effect. errors are expressed as percent of reading and 3 / 4 lsd unless otherwise noted. tc type range accuracy wire color (ansi) t -200 to +400c -328 to +752f 0.20% + 1.5c 0.20% + 2.7f blue e -200 to 750c -328 to +1382f 0.20% + 1.5c 0.20% + 2.7f violet j -200 to +760c -328 to +1400f 0.15% + 1.5c 0.15% + 2.7f white k -200 to +1250c -328 to +2282f 0.20% + 1.5c 0.20% + 2.7f yellow r 0 to +1768c +32 to +3214f 0.15% + 2.5c 0.15% + 4.5f black s 0 to +1768c +32 to +3214f 0.15% + 2.5c 0.15% + 4.5f black b +200 to +1820c +300 to +3308f 0.15% + 2.5c 0.15% + 4.5f grey n -200 to +1300c -328 to +2372f 0.20% + 1.5c 0.20% + 2.5f orange mv -5.00 to 56.00 0.15% + 1 lsd __ rtd (385) -200 to +600c -328 to +1100f 0.10% + 0.5c 0.10% + 0.9f __ rtd (392) -160 to +600c -256 to +1100f 0.10% + 0.5c 0.10% + 0.9f __ ohms 1.0 to 320.0 0.15% + 1 lsd __ 2
3 9. output modules [optional] (for all output channels) : relay : type : form-c (form-a with some models. see ordering information.) rating : 5 amps @ 120/240 vac or 28 vdc (resistive load ), 1/8 hp @ 120 vac (inductive load) life expectancy : 100,000 cycles at max. load rating. (decreasing load and/or increasing cycle time, increases life expectancy). logic/ssr drive : can drive multiple ssr power units. type : non-isolated switched dc, 12 vdc typical drive : 45 ma max. triac : type : isolated, zero crossing detection rating : voltage : 120/240 vac max. load current : 1 amp @ 35c 0.75 amp @ 50c min. load current : 10 ma max. offstate leakage current : 7ma max. @ 60 hz operating frequency : 20 to 400 hz protection : internal transient snubber, fused 10. main control output (heating or cooling) : control : pid or on/off output : time proportioning or linear dc hardware : plug-in, replaceable output modules cycle time : programmable auto-tune : when selected, sets proportional band, integral time, and derivative time values. probe break action : programmable 11 . cooling output (optional) : control : pid or on/off output : time proportioning or linear dc hardware : plug-in, replaceable output modules cycle time : programmable proportional gain adjust : programmable heat/cool deadband overlap : programmable 12. linear dc output (optional) : with digital scale and offset, programmable deadband and update time. 4 to 20 ma : resolution : 1 part in 3500 typ. accuracy : (0.1% of reading + 25 a) compliance : 10 v (500 ? max. loop impedance) 0 to 10 vdc : resolution : 1 part in 3500 typ. accuracy : (0.1% of reading + 35 mv) min. load resistance : 10 k ? (1 ma max.) source : % output power, setpoint, deviation, or temperature (available for heat or cool, but not both.) 13. heater current monitor (optional) : type : single phase, full wave monitoring of load currents controlled by main output (op1) input : 100 ma ac output from current transformer rlc part number ct005001 or any current transformer with 100 ma ac output display scale range : 1.0 to 999.9 amperes or 100.0% input resistance : 5 ? accuracy : 1% of full scale 1 lsd (10 to 100% of range) frequency : 50 to 400 hz alarm mode : dual acting; heater element fail detect and control device fail detect overload : 200 ma (steady state) min. output on time for heater break alarm detect : 400 msec 14. motorized valve positioner (optional) : two outputs : valve open and valve close or linear dc (optional) hardware : plug-in, replaceable output modules three inputs : slidewire feedback, signal fail detect (isolated from main input) slidewire resistance : 100 to 100 k ? slidewire exciting voltage : 0.9 vdc slidewire fail action : programmable control mode : position mode (with slidewire) and velocity mode (w/o slidewire) . control deadband : 1% to 25.0% (position mode) 0.1 to 25.0 seconds (velocity mode) update time : 1 to 250 seconds motor time (open, close) : 1 to 9999 seconds position limits : adjustable 0.0 to 100.0% of valve stroke valve fail time : off to 9999 seconds alarm mode : dual acting; loss of slidewire feedback signal and valve fail detection 15. second analog input : range : 0 to 20 ma (isolated from main input) overload : 100 ma (steady state) input resistance : 10 ? voltage drop (@ 20 ma) : 0.2 v accuracy : 0.15% of reading 10 a 1 lsd scale range : -999 to 9999 16. serial communication : type : rs485 multi-point, balanced interface communication format : baud rate : programmable from 300 to 9600 parity : programmable for odd, even, or no parity frame : 1 start bit, 7 data bits, 1 or no parity bit, 1 stop bit unit address : programmable from 0 to 99, max. of 32 units per line transmit delay : 100 msec min., 200 msec max. rs485 common : isolated from signal input common auto print time : off to 9999 seconds between print-outs 17. user input (optional) : internally pulled up to +5 vdc. v in max = 5.25 vdc, v il = 0.85 v max ; v ih = 3.0 v min , available on all second input (hcm, mvp & ana) models, and on models with rs485. response time : 100 msec max. functions : program lock integral action lock auto/manual mode select setpoint ramp select reset alarms print request local/remote setpoint select 18. alarms (optional) : hardware : plug-in, replaceable output module modes : absolute high acting absolute low acting deviation high acting deviation low acting inside band acting heater break valve fail second analog input monitoring reset action : programmable; automatic or latched standby mode : programmable; enable or disable hysteresis : programmable probe break action : upscale annunciator : led backlight for al1, al2, (alarm #2 not available with cooling output or motorized valve position option.) 19. environmental conditions : operating temperature range : 0 to 50c storage temperature range : -40 to 80c vibration to iec 68-2-6 : operational 5-150 hz, 1 g shock to iec 68-2-27 : operational 5 g span drift (maximum) : 100 ppm/c, main input; 150 ppm/c, second input operating and storage humidity: 85% max. (non-condensing) from 0 to 50c zero drift (maximum) : 1 v/c, main input;2 a/c, second input altitude : up to 2000 meters 20. isolation breakdown ratings : all inputs and outputs with respect to ac line : 2300 v analog outputs, second analog input, heater current input or slidewire input with respect to main input : 500 v 21. certifications and compliances : ce approved en 61326-1 immunity to industrial locations emission cispr 11 class a en 61010-1 rohs compliant ul recognized component: file #e156876 ul listed: file #e137808 type 2 enclosure rating (face only) for tcu0 type 4x/ip65 enclosure rating (face only) for tcu1 refer to emc installation guidelines section of the manual for additional information. 22. connection : jaw-type terminal block wire range : 12-30 awg copper wire torque : 5-7 inch-lbs (56-79 n-cm) 3
23. construction : front pane l: flame and scratch resistant tinted plastic case : high impact black plastic. (mounting collar included) type 4x/ip65 model only : sealed bezel utilizing two captive mounting screws (panel gasket included). this unit is rated for type 4x/ip65 indoor use. installation category ii, pollution degree 2 24. weight : 1.3 lbs (0.6 kgs) accessories: external ssr power unit: switched voltage range : 50 to 280 vac (nominal: 240 vac) load current : 45 amps @ 25c ambient temperature 35 amps @ 50c ambient temperature on state input : 3 to 32 vdc @ 1500 ? impedance. (isolated ) (use logic/ssr drive output module.) off state input : 0.0 to 1.0 vdc size : 5.5" (14 cm) l x 4.75" (12 cm) w x 2.62" (6.6 cm) h current transformer: current ratio : 50:0.1 (amperes) accuracy : 5.0% operating frequency : 50 to 400 hz insulation class : 0.6 kv bil 10 kv full wave terminals : brass studs no. 8-36, (flat washer, washer, nut) weight : 8.0 oz (226 g) approvals : ul recognized component basic operation the tcu controls a process temperature by measuring the temperature via an input probe, then calculating a control output power value by use of a modified pid control algorithm. the unit controls the system with the new output power value to keep the process temperature at setpoint. the pid control algorithm incorporates features which provide for high control accuracy and low temperature overshoot from process disturbances. front panel features in the normal operating mode, the unit will display the process temperature in the upper display. one of six other parameters can be viewed in the lower display: - setpoint - % power output - temperature deviation - heater current - second input process value - temperature symbol (f or c) the six parameters can be scrolled through by pressing the dsp button. if enabled, the control setpoint or power output (manual mode only) can be directly modified in this mode. in the normal operating mode, parameters are selected by use of the par button and modified by use of the up and down buttons. parameters are then entered by the par button, which advances the user to the next parameter. pressing the dsp button immediately returns the controller to the normal operating mode when making a parameter change. the controllers configuration and parameter settings are stored in an internal e 2 prom device. hardware features the fast 100 msec input sampling rate provides quick controller response to a process disturbance, thus providing excellent temperature control. measurement accuracy of 0.15% or better, provides closer process control conforming to the desired control setpoint value. one model accepts a variety of both thermocouple or rtd temperature probes. the ac input power is switch selectable, allowing the unit to operate from either 115 vac or 230 vac. since the controller is serviceable from the front of the panel, the output modules may be easily changed or replaced without disturbing the wiring behind the panel. no re-programming is required when changing or replacing modules. the optional type 4x/ip65 rated model utilizes two bezel securing screws and a neoprene gasket to guarantee a water tight seal, when properly installed. the standard model simply requires pressing a latch to remove the unit. low-drift, highly stable circuitry ensures years of reliable and accurate temperature control. the recommended two-year re-calibration interval is easily accomplished via the programming menu. setpoint features the controller setpoint can be protected from out of range values by programming the setpoint range limit values. additionally, safeguards from inadvertent data entry can be programmed. the setpoint ramp feature ramps the setpoint value at start-up or any time a setpoint change is made, at a user programmable rate. this feature reduces thermal shock to the process and helps to minimize temperature overshoot.the setpoint may also be transmitted by the optional linear dc output for slave control loops. the second analog input may be configured as a remote setpoint. as such, the controller is easily switched from local/remote setpoint operation via the front panel or user input. ratio and bias parameters provide on-line scaling of the remote setpoint. absolute limit values and maximum rate of change of the remote setpoint further enhance controller flexibility. input features a programmable input filter can be used to stabilize readings from a process with varying or oscillating temperature characteristics, helping to provide better temperature control. a programmable temperature shift and slope function can be used to compensate for probe errors or to have multiple tcu units indicate the same nominal temperature. the programmable user input can be used to control a variety of functions, such as auto/manual transfer of the controller, reset alarm output(s), etc. the second analog input has independent scaling parameters to match the units of other processes or transmitters, or to match the controllers range. output features programmable output power limits provide protection for processes where excessive power can cause damage. automatic sensor probe break detection, for fail-safe operation, causes the controller to default to a programmed output power (upscale or downscale burnout). with adjustable time proportioning- cycle time, and programmable dc linear output, the controller can satisfy a wide variety of output requirements. programmable dampening output hysteresis and output update time parameters can dramatically reduce actuator activity without degrading control accuracy. the rs485 communication option allows the user to access various controller parameters such as the setpoint, % output power, % proportional band, etc. the controller may be setup to transmit various parameters at a programmable automatic print rate. auto-tune the tcu has an auto-tune feature which, on demand, automatically determines the pid control parameters for a particular thermal process. after completion of auto-tune, the pid parameters are automatically optimized for that process and loaded into nonvolatile memory. the operator may view and modify the parameters as desired. auto-tune may be invoked either at start-up or at setpoint, depending on the process requirements. an auto-tune programmable dampening factor produces various levels of process control and response characteristics. 4
5 options heating and cooling control the tcu has dual outputs for providing heating and cooling to those processes that require them. many extruder applications require both heating and cooling to maintain accurate extruder barrel and die temperatures. the tcu is easily configured for these applications. cooling configuration parameters cyc2 - enter cooling time proportioning cycle time gan2 - enter cooling relative gain db-2 - enter heat/cool deadband or overlap heater current monitor the heater current monitor serves as a heater element fail sentry, so operators can take corrective action before significant process errors occur in the event of a failure. the actual heater current can be viewed in the secondary display and/or a heater break alarm output can be programmed. heater current monitor configuration parameters hcur - enter full scale current of current transformer act1, act2 - program alarm(s) as heater break alarm motorized valve positioner the motorized valve positioner controls the position of a valve directly, by use of open and close control outputs. the slidewire feedback signals of the valve may optionally be connected to the controller. alternatively, the controller may be configured for linear input valve control using the 4 to 20 ma dc output. motorized valve positioner configuration parameters position mode: vps1 - enter or measure valve closed position vps2 - enter or measure valve open position vudt - enter valve update time vpdb - enter valve control deadband vfal - enter valve fail detect time act1 - program alarm as valve fail output velocity mode: vudt - enter valve update time vopt - enter valve open time vclt - enter valve close time vont - enter valve control deadband (minimum on time) internal cascade cascade control allows the process to be divided into two control loops: the primary control loop and the secondary control loop. the secondary loop receives its setpoint from the primary loop to control an intermediate variable (steam pressure). the control level of the intermediate variable is the input to the primary process. the primary loop (temperature) controller maintains loop regulation by manipulating the setpoint of the secondary controller. the setpoint of the secondary controller, in turn, changes the intermediate variable. the secondary loop can react faster to disturbances of the intermediate variable, thereby minimizing the effects to the primary control loop. control loops cascaded in such a manner provide greater control quality than would be possible with single loop control. a single tcu can accomplish two-process cascade control. internal cascade configuration parameters oper - select cascade mode root - select second input square root linearization dpt2 - select second input decimal point dsp1 - enter scaling units of second input inp1 - enter scaling units of second input dsp2 - enter scaling units of second input inp2 - enter scaling units of second input opd2 - output dampening of secondary internal cascade operational parameters sp-2 - view secondary setpoint value pb-2 - enter secondary proportional band it-2 - enter secondary integral time dt-2 - enter secondary derivative time external cascade similar to internal cascade control, external cascade control differs by the employment of two controllers, one of which is equipped with a second analog input configured as a remote setpoint. a pcu controls the secondary loop, while a tcu controls the primary loop. external cascade configuration parameters oper - select ratio mode root - select second input square root linearization dpt2 - select second input decimal point dsp1 - enter scaling units of second input inp1 - enter scaling units of second input dsp2 - enter scaling units of second input inp2 - enter scaling units of second input sptr - local/remote select options external cascade operational parameters rtio - remote setpoint ratio bias - remote setpoint bias dsp par %pw dev man al1 opn cls valve open output valve close output second input valve position main input process steam flow valve fail alarm al1 output dsp par %pw sec rem op1 al1 al2 linear dc output second input steam pressure steam flow process main input temperature (secondary variable ) (primary variable) dsp par %pw dev man op1 al1 al2 op1 rem dsp par sec %pw al2 al1 controller controller linear dc (primary output) second input remote setpoin t steam linear dc output main input process temperature (primary variable) process main input steam pressure (secondary variable) pcu tcu secondary primary dsp par %pw cur man op1 al1 al2 power control device heating element process current transformer main input temperature heater curren t main output (op1) heater break alarm al1 output dsp par %pw dev man op1 al1 op2 process heating control cooling control main output (op1) second output (op2) main input temperature 5
controller programming the tcu has been designed to reduce the operator interaction with the controller while still maintaining a high degree of control accuracy and user flexibility. front panel program disable allows all of the controllers set-ups to be locked-out from further operator intervention after the initial parameter set-up. the programming of the controller is divided into four sections: unprotected parameter mode configuration parameter mode protected parameter mode hidden function mode these four programming modes allow the controller to adapt to any required user-interface level. unprotected parameter mode * the unprotected parameter mode is accessible when program disable is inactive or when the proper access code number from the protected mode is entered.the configuration parameter modes can be accessed only from this mode. sp - enter setpoint op - enter output power prop - enter proportional band intt - enter integral time dert - enter derivative time rtio - enter remote setpoint ratio value bias - enter remote setpoint bias value sp-2 - view internal cascade secondary setpoint demand pb-2 - enter internal cascade, secondary proportional band it-2 - enter internal cascade, secondary integral time dt-2 - enter internal cascade, secondary derivative time al-1 - enter value for alarm #1 al-2 - enter value for alarm #2 cnfp - select basic configuration mode end - return to normal display mode * these parameters may not appear due to option configuration or other programming. configuration parameter mode the configuration parameter mode allows the operator to set-up the basic requirements of the controller. it is divided into sections which group together related programming steps, such as inputs, outputs, alarms, etc. upon completion of each section, the program returns to the configuration selection stage allowing the user to return to the normal display mode. configuration 1, inputs type - select input probe type scal - select temperature scale dcpt - select temperature resolution fltr - select level of input filtering span - enter input correction span (slope) shft - enter input correction shift (offset) splo - enter setpoint lower limit sphi - enter setpoint higher limit sprp - enter setpoint ramp rate inpt - select user input function * hcur - enter full scale heater current * configuration 2, outputs cyct - enter time proportioning cycle time opac - select control action oplo - enter output power low limit ophi - enter output power high limit opfl - enter probe fail power preset opdp - enter output control dampening chys - enter on/off control hysteresis tcod - select auto-tuning dampening anas - select linear dc output assignment * anlo - enter linear dc output low scaling value * anhi - enter linear dc output high scaling value * andb - enter linear dc output control deadband * anut - enter linear dc output update time * configuration 3, parameter lock-outs sp - select degree of setpoint access op - select degree of power access dev - enable deviation display * in-2 - enable second input display * hcur - enable heater current display udsp - enable temperature scale display code - enter parameter access code pid - select degree of pid access pid2 - select degree of secondary pid access * rtbs - select degree of ratio/bias access * al - select degree of alarm access * alrs - enable alarm reset access * spsl - enable local/remote setpoint selection * trnf - enable auto/manual mode selection tune - enable auto-tune invocation configuration 4, alarms * act1 - select operation mode of alarm #1 rst1 - select reset mode of alarm #1 stb1 - enable activation delay of alarm #1 al-1 - enter value for alarm #1 act2 - select operation mode of alarm #2 rst2 - select reset mode of alarm #2 stb2 - enable activation delay of alarm #2 al-2 - enter value for alarm #2 ahys - enter hysteresis value for both alarms configuration 5, cooling * cyc2 - enter cooling time proportioning cycle time gan2 - enter cooling relative gain db-2 - enter heat/cool deadband or overlap dsp par %pw sec rem op1 al1 al2 dsp par dev %pw op1 al2 man al1 remote setpoint master unit slave unit #1 process #1 process #2 main input main input second input %pwr em al1 al2 main input process "n" dsp par op1 sec remote setpoint second input (up to 50) slave unit `n' linear dc output setpoint re-transmissio n 6 setpoint master control setpoint master control allows automatic setpoint changes to slave controller units (up to 50 units total) from a master tcu controller. the linear dc output of the master is looped with the second analog input of the slave tcu controllers. each slave unit can have unique remote setpoint ratio and bias values. setpoint slave configuration parameters oper - select remote setpoint mode root - select second input square root linearization dpt2 - select second input decimal point dsp1 - enter scaling units of second input inp1 - enter scaling units of second input dsp2 - enter scaling units of second input inp2 - enter scaling units of second input splo sphi - limit range of remote setpoint sprp - limit rate of change of remote setpoint setpoint slave operational parameters rtio - second input ratio bias - second input bias
7 configuration 6, serial communications * baud - select baud rate parb - select parity bit addr - enter unit address number abrv - select abbreviated or full mnemonic transmissions prat - enter automatic print rate popt - select parameters to be included in print-out configuration 7, second input * oper - select remote setpoint or internal cascade mode root - select second input square root linearization dpt2 - select second input decimal point dsp1 - enter scaling parameters of second input inp1 - enter scaling parameters of second input dsp2 - enter scaling parameters of second input inp2 - enter scaling parameters of second input sptr - enter local/remote select options opd2 - enter secondary output control dampening configuration 8, motorized valve positioner * position mode: vps1 - enter or measure valve closed position vps2 - enter or measure valve open position vudt - enter valve update time vpdb - enter valve control deadband vfal - enter valve fail detect time velocity mode: vudt - enter valve update time vopt - enter valve open time vclt - enter valve close time vont - enter valve control deadband (minimum on time) hidden function mode * the hidden function mode is accessible from the normal operating mode. the four functions in this mode may be locked-out individually in configuration 3 parameter lock-out section. spsl - select local/remote setpoint trnf - transfer between automatic (pid) control and manual control tune - invoke/cancel pid auto-tune alrs - reset latched alarms protected parameters mode * the protected parameters mode is enabled when program disable is active. this mode prevents access to the configuration modes without the proper access code number. only the parameters that are selected in the configuration 3 parameter lock-out section can be accessed. prop - enter proportional band intt - enter integral time dert - enter derivative time rtio - enter remote setpoint ratio value bias - enter remote setpoint bias value sp-2 - enter internal cascade, secondary setpoint pb-2 - enter internal cascade, secondary proportional band it-2 - enter internal cascade, secondary integral time dt-2 - enter internal cascade, secondary derivative time al-1 - enter value for alarm #1 al-2 - enter value for alarm #2 code - enter access value to unprotected parameters & configuration parameters * these parameters may not appear due to option configuration or other programming. accessory - external rly50000 ssr power unit shown (external din rail mount ssr power units available) the external ssr power unit is used with the logic/ssr drive module (omd00003) to switch loads up to 240 vac @ 45 amps, 25c ambient. the unit is operated by applying a low level dc control signal to the isolated input. the unit features zero cross detection circuits which reduces radiated rfi when switching load currents. with no contacts to wear out, the ssr power unit provides virtually limitless operational life. the unit is supplied with an integral heat sink for immediate installation. 2.62 (66.5) 4.75 (121 ) 4.56 (116 ) centers for #8 screws 4.50 5.50 (114) (140) 0.20 (typ.) (5.1) (5.5) 0.22 (typ.) 7 accessory - ct005001 current transformer shown (lower current ct available) the external current transformer is used when specifying tcus equipped with the heater current monitor. the primary current rating is 50 amperes. (28.7) 1.13 (61.0) 2.40 h1 (31.8) 2.68 1.25 (67.8) (27.9) 1.75 (44.5) 1.10 1.60 (40.6) 2x #8-32unc terminal x1 .44 (11.2) (7.9) (6.9) 4x .27 4x .31 (24.4) .96 (50.8) 2.00
output modules typical connections relay : type : form-c (form-a with some models. see ordering information.) rating : 5 amps @ 120/240 vac or 28 vdc (resistive load), 1/8 hp @ 120 vac (inductive). life expectancy : 100,000 cycles at maximum load rating. (decreasing load and/or increasing cycle time, increases life expectancy). logic/ssr drive : can drive multiple ssr power units. type : non-isolated switched dc, 12 vdc typical drive : 45 ma maximum. triac : type : isolated, zero crossing detection rating : voltage : 120/240 vac max. load current : 1 ampere @ 35c 0.75 ampere @ 50c min. load current : 10 ma off state leakage current : 7 ma max. @ 60 hz operating frequency : 20 to 400 hz protection : internal transient snubber, fused load a b c power 5 amps at 240 va c rela y module do not connect ssr power unit load 4 3 1 2 a b c power +12vdc unreg. + - not isola ted logic/ssr drive module power 120v ac at 1 amp 120/240v ac isola ted a b c rela y or device triac load do not connect triac module application several tcu controllers are employed to control the temperature of a plastics extruder. each tcu controls a heating element and a cooling water solenoid to maintain each extruder zone at a desired temperature. the heater current monitor of the tcu is used for early detection of heater element failure. the linear dc output is used to retransmit the process temperature to a control computer for data logging purposes. op1-a op1-b op1-c user input tc + comm out + out - n/c n/c ct ct data extruder supply current transformer ssr power unit ac power 120 vac cooling output heater current fail output main control output thermocouple input 4 -20 ma linear dc output second input (current transformer ) 240v heater water cooling alarm/cooling supply hb alarm temperature retransmission logger 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 cooling/alarm common al1-a op2-a al1/op2 comm 8
9 ordering information models without second input options heater current monitor models (hcm) second analog input models (ana) motorized valve positioner models (mvp) accessories 9 type 4x/ip65 bezel 4 to 20 ma analog output 0 to 10 vdc analog output alarm outputs cooling output rs485 com part number 115/230 vac no no no no no no tcu00000 no no no 2 no no tcu00001 no no no 1 yes no tcu00002 no yes no 2 no no tcu01001 no yes no 2 no yes tcu01004 no yes no 1 yes yes tcu01005 yes no no no no no tcu10000 yes no no 2 no no tcu10001 yes no no 1 yes no TCU10002 yes yes no 2 no no tcu11001 yes yes no 1 yes no tcu11002 yes yes no 2 no yes tcu11004 yes yes no 1 yes yes tcu11005 yes no yes 2 no no tcu12001 yes no yes 2 no yes tcu12004 yes no yes 1 yes yes tcu12005 these models have dual alarm outputs, or single alarm with cooling outputs, with shared common terminals (form a type). as a result, these outputs should be fitted with the same type of output module. the main output (op1) may be fitted with any type of output module. type 4x/ip65 bezel 4 to 20 ma analog output 0 to 10 vdc analog output alarm outputs cooling output rs485 com part number yes no no 2 no yes tcu10204 yes yes no 2 no no tcu11208 these models have dual alarm outputs, or single alarm with cooling outputs, with shared common terminals (form a type). as a result, these outputs should be fitted with the same type of output module. the main output (op1) may be fitted with any type of output module. type 4x/ip65 bezel 4 to 20 ma analog output 0 to 10 vdc analog output alarm outputs cooling output rs485 com part number yes no no 2 no yes tcu10104 yes yes no 2 no no tcu11108 yes no yes 2 no no tcu12108 these models have dual alarm outputs, or single alarm with cooling outputs, with shared common terminals (form a type). as a result, these outputs should be fitted with the same type of output module. the main output (op1) may be fitted with any type of output module. type 4x/ip65 bezel 4 to 20 ma analog output 0 to 10 vdc analog output alarm outputs cooling output rs485 com part number yes no no 1 no yes tcu10307 yes yes no 1 no no tcu11306 yes no yes 1 no no tcu12306 description part number relay module omd00000 triac module omd00001 logic/ssr drive module omd00003 45 a single phase panel mount ssr rly50000 25 a single phase din rail mount ssr rly60000 40 a single phase din rail mount ssr rly6a000 25 a three phase din rail mount ssr rly70000 50:0.1 ampere current transformer ct005001 40:0.1 ampere current transformer ct004001 note: output modules are not supplied with the controller. when specifying the controller, be sure to purchase the appropriate output module for the main control output and if necessary, the alarm output(s), the cooling output, and valve positioner outputs. the controller can be fitted with any combination of output modules. the logic/ssr drive module is a switched dc source, intended to drive the dc input of an ssr power unit. it should never be connected to line voltage. all output modules are packaged separately and must be installed by the user.
limited warranty the company warrants the products it manufactures against defects in materials and workmanship for a period limited to two years from the date of shipment, provided the products have been stored, handled, installed, and used under proper conditions. the companys liability under this limited warranty shall extend only to the repair or replacement of a defective product, at the companys option. the company disclaims all liability for any affrmation, promise or representation with respect to the products. the customer agrees to hold red lion controls harmless from, defend, and indemnify rlc against damages, claims, and expenses arising out of subsequent sales of rlc products or products containing components manufactured by rlc and based upon personal injuries, deaths, property damage, lost profts, and other matters which buyer, its employees, or sub-contractors are or may be to any extent liable, including without limitation penalties imposed by the consumer product safety act (p.l. 92-573) and liability imposed upon any person pursuant to the magnuson-moss warranty act (p.l. 93-637), as now in effect or as amended hereafter. no warranties expressed or implied are created with respect to the companys products except those expressly contained herein. the customer acknowledges the disclaimers and limitations contained herein and relies on no other warranties or affrmations. red lion controls headquarters 20 willow springs circle york pa 17406 tel +1 (717) 767-6511 fax +1 (717) 764-0839 red lion controls china unit 302, xinan plaza building 13, no.99 tianzhou road shanghai, p.r. china 200223 tel +86 21 6113 3688 fax +86 21 6113 3683 red lion controls europe softwareweg 9 nl - 3821 bn amersfoort tel +31 (0) 334 723 225 fax +31 (0) 334 893 793 red lion controls india 201-b, 2nd floor, park centra opp 32 mile stone, sector-30 gurgaon-122002 haryana, india tel +91 984 487 0503


▲Up To Search▲   

 
Price & Availability of TCU10002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X